PART |
Description |
Maker |
MC34181-D |
Low Power, High Slew Rate, Wide Bandwidth, JFET Input Operational Amplifiers
|
ON Semiconductor
|
MC33282-D |
Low Input Offset, High Slew Rate, Wide Bandwidth, JFET Input Operational Amplifiers
|
ON Semiconductor
|
MS2100 MS2100GTR MS2100U MS2100GU MS2100TR |
RAIL-TO-RAIL OUTPUT LOW VOLTAGE, HIGH SLEW RATE, WIDE BANDWIDTH DUAL OPERATIONAL AMPLIFIERS
|
MOSA[MOSA ELECTRONICS]
|
HA7-2840883 FN3594 HA1-2840_883 HA1-2840883 HA7-28 |
From old datasheet system Very High Slew Rate Wideband Operational Amplifier Very High Slew Rate/ Wideband Operational Amplifier Very High Slew Rate,
Wideband Operational Amplifier(高转换率、宽带运算放大器) Very High Slew Rate, Wideband Operational Amplifier 甚高摆率,宽带运算放大器 Very High Slew Rate, Wideband Operational Amplifier OP-AMP, 6000 uV OFFSET-MAX, 500 MHz BAND WIDTH, CDIP14
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
3885 M38851F3-HP M38850F3-HP M38851F1-HP M38850F1- |
300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit Single 2.7-V High Slew Rate Rail-to-Rail Output Operational Amplifier 5-SOT-23 -40 to 125 CAP 680PF 50V 10% X7R SMD-0402 TR-13 PLATED-NI/SN Single 2.7-V High Slew Rate Rail-to-Rail Output Operational Amplifier 8-SOIC -40 to 125 PLCC Socket; Number of Contacts:32; Terminal Type:PCB Surface Mount; Contact Plating:Tin Over Nickel; Mounting Type:Surface Mount ACCU-F/P CRYSTAL, SM, CX-49G, 8MHZ; Frequency, output:8000kHz; Accuracy: /-50ppm; Temperature, operating range:-10(degree C) to 70(degree C); Capacitance, load:12pF; Crystal case type:10.8 x 4.5; Series:CX49GFWB; Temperature RoHS Compliant: Yes Automotive Catalog 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier With Shutdown 5-SOT-23 -40 to 125 Dual 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier 8-PDIP -40 to 125 Dual 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier 8-SOIC -40 to 125 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-MSOP 0 to 70 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-TSSOP -40 to 125 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-SOIC
|
Renesas Electronics Corporation. Renesas Electronics, Corp. http://
|
M2136G-P08-R M2136G-S08-R M2136G-S08-T M2136L-P08- |
ULTRA WIDE BAND, HIGH SLEW RATE SINGLE OPERATIONAL AMPLIFIER
|
Unisonic Technologies
|
IDT723632 IDT723622 IDT723642 IDT723622L30PF IDT72 |
Quad, High Slew Rate, Single-Supply, Op Amp 14-TSSOP 0 to 70 Quad, High Slew Rate, Single-Supply, Op Amp 14-TSSOP -40 to 105 HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS 14-SOIC 0 to 70 1K X 36 BI-DIRECTIONAL FIFO, 15 ns, PQFP120 CMOS SyncBiFIFOO 256 x 36 x 2, 512 x 36 x 2, 1024 x 36 x 2 512 X 36 BI-DIRECTIONAL FIFO, 15 ns, PQFP132
|
Integrated Device Technology, Inc.
|
BA4510 BA4510F BA4510FV BA4510F/FV |
Dual high slew rate operational amplifier Standard LSIs Dual High Slew Rate Operational Amplifier(高转换速率双运 双高压摆率运算放大器(高转换速率双运放)
|
ROHM[Rohm] Rohm CO.,LTD. Rohm Co., Ltd.
|
MC33272A04 NCV33274A NCV33274ADG NCV33274ADR2 MC33 |
Single Supply, High Slew Rate, Low Input Offset Voltage, Dual Op Amp Single Supply, High Slew Rate, Low Input Offset Voltage Operational Amplifiers
|
ON Semiconductor
|
HA-2850 HA9P2850-5 FN2844 |
470MHz, Low Power, High Slew Operational Amplifier From old datasheet system 470MHz Low Power High Slew Operational Amplifier 470MHz, Low Power, High Slew Rate Operational Amplifier 470MHz/ Low Power/ High Slew Operational Amplifier 470MHz, Low Power, High Slew Rate
Operational Amplifier(470MHz、低功耗、高转换速率运算放大
|
INTERSIL[Intersil Corporation]
|
MAX3483E MAX3483ECPA MAX3483ECSA MAX3483EEPA MAX34 |
Quad LVDS Receiver with -4 to 5V Common-mode Range 16-SOIC -40 to 85 3.3V-Powered, ??5kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V Powered, ±15kV ESD-Protected, 12Mbps, Slew-Rate-Limited True RS-485/RS-422 Transceivers QVGA-VGA 27-Bit Display Serial Interface Receiver 48-BGA MICROSTAR JUNIOR -40 to 85 LINE TRANSCEIVER, PDSO8 3.3V-Powered, 5kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers QVGA-VGA 27-Bit Display Serial Interface Transmitter 48-BGA MICROSTAR JUNIOR -40 to 85 3.3V-Powered, ±15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, 15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, ±15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS- 485/RS-422 Transceivers 3.3V-Powered 15kV ESD-Protected 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, 【15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered / 15kV ESD-Protected / 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V Powered, ±15kV ESD-Protected, 12Mbps, Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, 15,-15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, 15,15kV ESD-Protected, 12Mbps
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
|